Part Number Hot Search : 
RBV1006D 3101E DMA20101 AM29LV64 A54E3 ACS714 R3540PF U20C60
Product Description
Full Text Search
 

To Download MUN2212 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MUN2211 Series
NPN Silicon Bias Resistor Transistor
R1 R2
3 2 1
SC-59
WEITRON
http://www.weitron.com.tw
MUN2211 Series
ELECTRICALCHARACTERISTICS (T A = 25 C unles s otherwis e noted)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS
C ollector-B as e C utoff C urrent (V C B = 50 V, I E = 0) C ollector-E mitter C utoff C urrent (V C E = 50 V, I B = 0) E mitter-B as e C utoff C urrent (V E B = 6.0 V, I C = 0) MUN2211 MUN2212 MUN2213 MUN2214 MUN2215 MUN2216 MUN2230 MUN2231 MUN2232 MUN2233 MUN2234 MUN2236 MUN2237 MUN2240 MUN2241 IC B O IC E O IE B O 50 50 100 500 0.5 0.2 0.1 0.2 0.9 1.9 4.3 2.3 1.5 0.18 0.13 0.05 0.13 0.2 0.1 nAdc nAdc mAdc
C ollector-B as e B reakdown Voltage (IC = 10 uA, I E = 0) C ollector-E mitter B reakdown Voltage (1) (I C = 2.0 mA, I B = 0)
V (B R )C B O V (B R )C E O
V dc V dc
ON CHARACTERISTICS (1)
DC C urrent G ain (V C E = 10 V, I C = 5.0 mA) MUN2211 MUN2212 MUN2213 MUN2214 MUN2215 MUN2216 MUN2230 MUN2231 MUN2232 MUN2233 MUN2234 MUN2236 MUN2237 MUN2240 MUN2241 hF E 35 60 80 80 160 160 3.0 8.0 15 80 80 80 80 160 160 60 100 140 140 350 350 5.0 15 30 200 150 150 140 350 350 0.25 V dc
C ollector-E mitter S aturation Voltage (I C = 10 mA, I B = 0.3 mA) (I C = 10 mA, I B = 5 mA) MUN2230/MUN2231 (I C = 10 mA, I B = 1 mA) MUN2215/MUN2216 MUN2232/MUN2233/MUN2234 Output Voltage (on) (V C C = 5.0 V, V B = 2.5 V, R L = 1.0 k ) MUN2211 MUN2212 MUN2214 MUN2215 MUN2216 MUN2230 MUN2231 MUN2232 MUN2233 MUN2234 MUN2213 MUN2240 MUN2236 MUN2237 MUN2241
V C E (s at)
V OL 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2
V dc
(V C C = 5.0 V, V B = 3.5 V, R L = 1.0 k ) (V C C = 5.0 V, V B = 5.5 V, R L = 1.0 k ) (V C C = 5.0 V, V B = 4.0 V, R L = 1.0 k ) (V C C = 5.0 V, V B = 5.0 V, R L = 1.0 k )
WEITRON
http://www.weitron.com.tw
MUN2211 Series
ELECTRICALCHARACTERISTICS (T A = 25 C unless otherwise noted) (Continued)
Characteristic Symbol Min Typ Max Unit
ON CHARACTERISTICS (Note 1) (Continued)
Output Voltage (of f) (V CC = 5.0 V , V B = 0.5 V , R L = 1.0 k ) (V CC = 5.0 V , V B = 0.050 V , R L = 1.0 k ) MUN2230 MUN2215 (V CC = 5.0 V , V B = 0.25 V , R L = 1.0 k ) MUN2216 MUN2233 MUN2240 Input Resistor MUN2211 MUN2212 MUN2213 MUN2214 MUN2215 MUN2216 MUN2230 MUN2231 MUN2232 MUN2233 MUN2234 MUN2235 MUN2236 MUN2237 MUN2240 MUN2241 MUN221 1/MUN2212/MUN2213 MUN2236 MUN2214 MUN2215/MUN2216/MUN2240 MUN2241 MUN2230/MUN2231/MUN2232 MUN2233 MUN2234 MUN2237 V OH 4.9 Vdc
R1
7.0 15.4 32.9 7.0 7.0 3.3 0.7 1.5 3.3 3.3 15.4 70 32.9 70 32.9 70 0.8 0.17 0.8 0.055 0.38 1.7
10 22 47 10 10 4.7 1.0 2.2 4.7 4.7 22 100 47 100 47 100 1.0 0.21 1.0 0.1 0.47 2.1
13 28.6 61.1 13 13 6.1 1.3 2.9 6.1 6.1 28.6 130 61.1 130 61.1 100 1.2 0.25 1.2 0.185 0.56 2.6
k
Resistor Ratio
R 1 /R 2
1. Pulse Test: Pulse Width < 300 ms, Duty Cycle < 2.0%
350 ATION (mW) 300 250 200 P D , POWER DISSIP 150 100 50 0 - 50 R qJA = 370 C/W 0 50 100 T A , AMBIENT TEMPERA TURE ( C) 150
VCE(sat), MAXIMUM COLLECTOR VOLTAGE (VOLTS)
1 IC/IB = 10 TA = -25 C 25 C 75 C
0.1
0.01
0.001
0
20 40 60 IC, COLLECTOR CURRENT (mA)
80
FIG 1. Derating Curve
FIG2. VCE(sat) versus I C
WEITRON
http://www.weitron.com.tw
MUN2211 Series
1000 VCE = 10 V hFE , DC CURRENT GAIN Cob, CAPACITANCE (pF) TA = 75 C 25 C -25 C 100 3 4 f = 1 MHz IE = 0 V TA = 25 C
2
1
10
1
10 IC , COLLECTOR CURRENT (mA)
100
0
0
10 20 30 40 VR , REVERSE BIAS VOL TAGE (VOLTS)
50
FIG3. DC Current Gain
FIG4. Output Capacitance
100 75 C IC, COLLECTOR CURRENT (mA) 10
25 C TA = -25 C
10 VO = 0.2 V V in, INPUT VOLTAGE (VOLTS) TA = -25 C 25 C 75 C 1
1
0.1
0.01 VO = 5 V 0 1 2 5 6 7 3 4 Vin , INPUT VOLTAGE (VOLTS) 8 9 10
0.001
0.1
0
10
20 30 IC , COLLECTOR CURRENT (mA)
40
50
FIG5. Output Current versus Input Voltage
VCE(sat), MAXIMUM COLLECT R VOLTAGE (VOLTS) O
FIG6. Input Voltage versus Output Current
1 IC/IB = 10 TA = -25 C 25 C hFE , DC CURRENT GAIN 0.1 75 C 1000 VCE = 10 V TA = 75 C 25 C -25 C 100
0.01
0.001
0
20 40 60 IC , COLLECTOR CURRENT (mA)
80 80
10 1
10 IC , COLLECTOR CURRENT (mA)
100
FIG. VCE(sat) versus IC
FIG8. DC Current Gain
WEITRON
http://www.weitron.com.tw
MUN2211 Series
4 f = 1 MHz IE = 0 V TA = 25 C 100 IC, COLLECTOR CURRENT (mA) 10 1 75 C 25 C TA = -25 C
C ob , CAPACITANCE (pF)
3
2
0.1
1
0.01 VO = 5 V
0
0
10
20
30
40
50
0.001
VR , REVERSE BIAS VOL TAGE (VOLTS)
0
2
4
6
8
10
Vin , INPUT VOLTAGE (VOLTS)
FIG9. Output Capacitance
FIG10. Output Current versus Input Voltage
VCE(sat), MAXIMUM COLLECT R VOLTAGE (VOLTS) O
100 VO = 0.2 V V in , INPUT VOLTAGE (VOLTS) TA = -25 C 10 75 C 25 C
10
IC/IB = 10
TA = -25 C 25 C
1
75 C
1
0.1
0.1
0
10
20 30 IC, COLLECTOR CURRENT (mA)
40
50
0.01
0
20 40 60 IC , COLLECTOR CURRENT (mA)
80
FIG11. Input Voltage versus Output Current
1 VCE = 10 V h FE , DC CURRENT GAIN C ob , CAPACITANCE (pF) TA = 75 C 25 C -25 C 100 0.8
FIG12. VCE(sat) versus I C
1000
f = 1 MHz IE = 0 V TA = 25 C
0.6 0.4
0.2 0
10
1
10 IC, COLLECTOR CURRENT (mA)
100
0
10 20 30 40 VR , REVERSE BIAS VOLTAGE (VOLTS)
50
FIG13. DC Current Gain
FIG14. Output Capacitance
WEITRON
http://www.weitron.com.tw
MUN2211 Series
100 IC, COLLECTOR CURRENT (mA) 10 75 C 25 C TA = -25 C 100 VO = 0.2 V TA = -25 C V in , INPUT VOLTAGE (VOLTS) 10 25 C 75 C
1 0.1
1
0.01 VO = 5 V 0 2 4 6 Vin , INPUT VOLTAGE (VOLTS) 8 10
0.001
0.1
0
10
20 30 40 IC , COLLECTOR CURRENT (mA)
50
FIG15. Output Current versus Input Voltage
VCE(sat) , MAXIMUM COLLECT R VOLTAGE (VOLTS) O
FIG16. Input Voltage versus Output Current
1 IC/IB = 10 TA = -25 C 25 C 0.1 75 C 0.01 hFE , DC CURRENT GAIN
300 250 200 -25 C 150 100 50 VCE = 10 TA = 75 C 25 C
0.001
0
20 40 60 IC, COLLECTOR CURRENT (mA)
80
0
1
2
4
6
8 10 15 20 40 50 60 70 80 90 100 IC , COLLECTOR CURRENT (mA)
FIG17. VCE(sat) versus I C
4 3.5 Cob , CAPACITANCE (pF) 3 2.5 2 1.5 1 0.5 0 0 2 4 6 8 10 15 20 25 30 35 40 VR , REVERSE BIAS VOL TAGE (VOLTS) 45 50 f = 1 MHz lE = 0 V TA = 25 C
FIG18. DC Current Gain
100 75 C IC, COLLECTOR CURRENT (mA) 25 C
TA = -25 C 10
VO = 5 V 1 0 2 4 6 Vin , INPUT VOLTAGE (VOLTS) 8 10
FIG19. Output Capacitance
FIG20. Output Current versus Input Voltage
WEITRON
http://www.weitron.com.tw
MUN2211 Series
TA = -25 C V C E (s at) , C OLLE C TOR V OLTAG E (V OLT S ) 10 VO= 0.2 V V in , INPUT VOLTAGE (VOLTS) 1 I C /I B =10 T A = -25 C 25 C 75 C 0.1
25 C 75 C 1
0.1
0
10
20 30 IC, COLLECTOR CURRENT (mA)
40
50
0.01
0
5
10 20 30 15 25 I C , C OLLE C TOR C UR R E NT (mA)
35
40
FIG21. Input V oltage versus Output Current
FIG22. VCE(sat) versus IC
1000 V C E = 10 V hF E , DC C UR R E NT G AIN 75 C T A = -25 C 25 C C ob , C APAC ITANC E (pF )
5 4.5 4 3.5 3 2.5 2 1.5 1 0.5 0 0.1 10 1 I C , C OLLE C TOR C UR R E NT (mA) 100 f = 1 MHz lE = 0 V T A = 25 C
100
10
0
5
10 15 20 25 30 35 40 V R , R E V E R S E B IAS V OLTAG E (V OLT S )
45
FIG23. DC Current Gain
100 I C , C OLLE C TOR C UR R E NT (mA) 100 75 C T A = -25 C 10 25 C V in , INP UT V OLTAG E (V OLT S )
FIG24. Output Capacitance
25 C T A = -25 C 75 C
V O = 0.2 V
10
1 VO = 5 V 0 5 10 15 20 25 30 V in , INP UT V OLTAG E (V OLT S ) 35 40
1
0.1
0.1
0
5
10 15 20 25 I C , C OLLE C TOR C UR R E NT (mA)
30
35
FIG25. Output Current versus Input Voltage
FIG26. Input Voltage versus Output Current
WEITRON
http://www.weitron.com.tw
MUN2211 Series
V C E (s at) , C OLLE C TOR V OLTAG E (V OLT S ) 1 I C /I B = 10 hF E , DC C UR R E NT G AIN T A = -25 C 25 C 75 C 0.1 1000 V C E = 10 V 75 C 100 T A = -25 C 25 C
10
0.01
0
5
10 20 30 15 25 I C , C OLLE C TOR C UR R E NT (mA)
35
40
1
1
10 I C , C OLLE C TOR C UR R E NT (mA)
100
FIG27. VCE(sat) versus I C
FIG28. DC Current Gain
2 I C , C OLLE C TOR C UR R E NT (mA) 1.8 C ob, C APAC ITANC E (pF ) 1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0 f = 1 MHz lE = 0 V T A = 25 C 0 5 10 15 20 25 30 35 40 V R , R E V E R S E B IAS V OLTAG E (V OLT S ) 45
100
75 C T A = -25 C 25 C
10
1
0.1
0.01
VO = 5 V 0 2 4 6 8 10 12 V in , INP UT V OLTAG E (V OLT S ) 14 16
0.001
FIG29. Output Capacitance
100 V in, INP UT V OLTAG E (V OLT S ) V O = 0.2 V T A = -25 C 25 C 10
FIG30. Output Current versus Input Voltage
75 C
1
0
5
10 15 20 25 30 I C , C OLLE C TOR C UR R E NT (mA)
35
40
FIG31. Input Voltage versus Output Current
WEITRON
http://www.weitron.com.tw
MUN2211 Series
TYPICAL APPLICATIONS FOR NPN BRTs
+12 V
ISOLATED LOAD
FROM m OR P OTHER LOGIC
FIG32. Level Shifter: Connects 12 or 24 Volt Circuits to Logic
+12 V VCC
OUT IN
LOAD
FIG33. Open Collector Inverter: Inverts the Input Signal
FIG34. Inexpensive, Unregulated Current Source
WEITRON
http://www.weitron.com.tw
MUN2211 Series
SC-59 Outline Dimension
A L
3 Top View 1
SC-59
Dim A B C D G H J K L S Min 2.70 1.30 1.00 0.35 1.70 0.00 0.10 0.20 1.25 2.25 Max 3.10 1.70 1.30 0.50 2.30 0.10 0.26 0.60 1.65 3.00
S
2
B
D G C H K J
All Dimension in mm
WEITRON
http://www.weitron.com.tw


▲Up To Search▲   

 
Price & Availability of MUN2212

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X